|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: ZUR88W www.SunLED.com 3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP PRELIMINARY SPEC Features 3.2mmx1.0mm RIGHT ANGLE SMT LED, 1.5mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg UR (GaAsP/GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UR (GaAsP/GaP) 2.0 2.5 10 Unit V mA mA mW C Unit V V uA P 627 nm D 625 nm 45 nm C 15 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 14 Wavelength nm P Viewing Angle 2 1/2 ZUR88W Red GaAsP/GaP Water Clear 4 627 120 Published Date : FEB 26, 2008 Drawing No : SDSA4486 V3 Checked : B.L.LIU P.1/4 Part Number: ZUR88W www.SunLED.com 3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP UR Published Date : FEB 26, 2008 Drawing No : SDSA4486 V3 Checked : B.L.LIU P.2/4 Part Number: ZUR88W www.SunLED.com 3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 26, 2008 Drawing No : SDSA4486 V3 Checked : B.L.LIU P.3/4 Part Number: ZUR88W www.SunLED.com 3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP PACKING & LABEL SPECIFICATIONS ZUR88W Published Date : FEB 26, 2008 Drawing No : SDSA4486 V3 Checked : B.L.LIU P.4/4 |
Price & Availability of ZUR88W |